PART |
Description |
Maker |
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
V53C316405A50 |
G Force Switch; Contact Current Max:10uA; Contact Resistance Max:50ohm; Circuitry:SPST-NO; Supply Voltage:3.2VDC RoHS Compliant: Yes 3.3米4 EDO公司页面模式的CMOS动态随机存储器
|
Mosel Vitelic, Corp.
|
P-MUSB-K552-XX |
CONTACT RESISTANCE
|
Amphenol Corporation
|
P-MUSB-A511-XX |
CONTACT RESISTANCE
|
Amphenol Corporation
|
BM10B-44DP-0.4V BM10B0.8-44DP-0.4V51 |
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
|
Hirose Electric
|
BM10B-50DP-0.4V BM10B0.8-50DP-0.4V51 |
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
|
Hirose Electric
|
SKPL |
6.45mm Diameter Low Contact Resistance
|
ALPS ELECTRIC
|
KO105A-1001 K100301 K100301-15 |
KEYLOCK SWITCHES Contact Resistance : 10m-OHMS All DIMENSION IN MM[INCH]
|
E-SWITCH
|
SKPN |
Long-travel with Low Contact Resistance (Surface Mount Type)
|
ALPS ELECTRIC
|
KO103E-701 K100206 K100206-15 |
KEYLOCK SWITCHES Contact Resistance : 10m-OHMS All DIMENSION IN MM[INCH]
|
E-SWITCH
|
90123-0124 90123-0107 90123-0104 90123-0125 90123- |
Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg SR W/2Pol Bttn 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, POLARISED 20WAY ; Ways, No. of:20; Approval Bodies:UL, CSA; Current rating:3A; Housing type:Polyphenylene Oxide UL94V-1; Pitch:2.54mm; Resistance, contact:20mR; Resistance, insulation:5000MR; Series:CGRID; Temp, op.
|
Molex, Inc. MOLEX INC
|
|